PART |
Description |
Maker |
BZD23 BZD23-C10 BZD23-C100 BZD23-C11 BZD23-C110 BZ |
360 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Voltage regulator diodes 150 W, UNIDIRECTIONAL, SILICON, TVS DIODE ECONOLINE: RQS & RQD - 1kVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 80% 150 W, UNIDIRECTIONAL, SILICON, TVS DIODE Voltage regulator diodes 3.9 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE CAP 1UF 50V 80-20% Y5V SMD-1206 TR-7 PLATED-NI/SN 150 W, UNIDIRECTIONAL, SILICON, TVS DIODE Voltage regulator diodes 4.7 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Voltage regulator diodes 6.2 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Voltage regulator diodes 5.1 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE CAP 0.01UF 50V 10% Y5V SMD-1206 TR-7 PLATED-NI/SN Voltage regulator diodes(稳压二极 ECONOLINE: RQS & RQD - 1kVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 80% INDUCTOR 47UH 5% FERRITE BEAD 47UH 10% From old datasheet system
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
SMAJ58A SMAJ90CA SMAJ100A SMAJ100CA SMAJ10A SMAJ10 |
Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
|
LITTELFUSE[Littelfuse]
|
BYQ30E BYQ30E-150 BYQ30E-200 BYQ30EB-150 BYQ30EB-2 |
Ultra low drop voltage regulators compatible with low ESR inhibit output capacitors 整流二极管超快。崎 Rectifier diodes ultrafast, rugged 8 A, 150 V, SILICON, RECTIFIER DIODE Rectifier diodes ultrafast, rugged 8 A, 200 V, SILICON, RECTIFIER DIODE SERVSELECT PS/2 30FT CPU CABLE Rectifier diodes ultrafast, rugged(超快速、强化的整流器二极管) Rectifier diodes ultrafast/ rugged
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
DSAI17-12A DSAI17-16A DSAI17-18A DSA17-16A DSI17-1 |
Rectifier Diode Avalanche Diode 25 A, 1800 V, SILICON, RECTIFIER DIODE, DO-203AA Rectifier Diode Avalanche Diode 25 A, 1200 V, SILICON, RECTIFIER DIODE, DO-203AA Rectifier Diode Avalanche Diode 25 A, 1600 V, SILICON, RECTIFIER DIODE, DO-203AA Discrete Rectifier Diodes
|
IXYS, Corp. IXYS[IXYS Corporation] ETC[ETC]
|
15KP40CA |
Silicon Avalanche Diodes - 15000 Watt Axial Leaded Transient Voltage Suppressor
|
http://
|
5KP40CA |
Silicon Avalanche Diodes - 5000 Watt Axial Leaded Transient Voltage Suppressor
|
http://
|
15KP260CA 15KP90A 15KP90CA 15KP 15KP100A 15KP100CA |
Silicon Avalanche Diodes - 15000 Watt Axial Leaded Transient Voltage Suppressor
|
LITTELFUSE[Littelfuse]
|
15KP51A 15KP22CA 15KP260CA 15KP26CA 15KP260A 15KP2 |
Silicon Avalanche Diodes - 15000 Watt Axial Leaded Transient Voltage Suppressor 硅雪崩二极管- 15000瓦特轴向引线型瞬态电压抑制器
|
Littelfuse, Inc. Microsemi, Corp. Vishay Intertechnology, Inc.
|
SMCJ33CA SMCJ150CA SMCJ24A SMCJ440A SMCJ48A SMCJ28 |
Transient Voltage Suppression Diodes Silicon Avalanche Diodes - 1500W Surface Mount Transient Voltage Supressors Silicon Avalanche Diodes - 1500W Surface Mount Transient Voltage Supressors Transient Voltage Suppression Diodes
|
Littelfuse http://
|
1N5524 1N5545 1N5519 1N5520 1N5521 1N5522 1N5523 1 |
Nom zener voltage:33.0V; measured from 1000-3000Hz; low voltage avalanche zener diode; high performance: low noise, low leakage Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 250 的低电流运算,低反向泄露,低噪声稳压二极 LOW VOLTAGE AVALANCHE ZENER DIODES HIGH PERFORMANCE: LOW NOISE/ LOW LEAKAGE MSTBVA 2,5/13-G-5,08 LOW VOLTAGE AVALANCHE ZENER DIODES HIGH PERFORMANCE: LOW NOISE LOW LEAKAGE LOW VOLTAGE AVALANCHE ZENER DIODES HIGH PERFORMANCE: LOW NOISE, LOW LEAKAGE
|
Electronic Theatre Controls, Inc. Knox Semiconductor Inc KNOX[Knox Semiconductor Inc] KNOX[Knox Semiconductor, Inc]
|
TGL3468 TGL34-10 TGL34-100 TGL34-100A TGL34-10A TG |
Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes 150 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-213AA
|
Diotec Elektronische DIOTEC[Diotec Semiconductor] Diotec Semiconductor AG
|